Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5316 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 17Page - PMC-Sierra, Inc PM5316 Datasheet HTML 18Page - PMC-Sierra, Inc PM5316 Datasheet HTML 19Page - PMC-Sierra, Inc PM5316 Datasheet HTML 20Page - PMC-Sierra, Inc PM5316 Datasheet HTML 21Page - PMC-Sierra, Inc PM5316 Datasheet HTML 22Page - PMC-Sierra, Inc PM5316 Datasheet HTML 23Page - PMC-Sierra, Inc PM5316 Datasheet HTML 24Page - PMC-Sierra, Inc PM5316 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
2
Document ID: PMC-1990822, Issue 4
• Calculates and compares the bit interleaved parity (BIP) error detection codes (B1, B2) for
the receive stream and calculates and inserts B1 and B2 in the transmit stream; accumulates
near end errors (B1, B2) and far end errors (M1) and inserts line remote error indications
(REI) into the Z2 (M1) growth byte based on received B2 errors.
• Detects signal degrade (SD) and signal fail (SF) threshold crossing alarms based on received
B2 errors.
• Extracts and serializes the order wire channels (E1, E2), the data communication channels
(D1-D3, D4-D12) and the section user channel (F1) from the receive stream, and inserts the
corresponding signals into the transmit stream.
• Extracts and serializes the automatic protection switch (APS) channel (K1, K2) bytes,
filtering and extracting them into internal registers for the receive stream. Inserts the APS
channel into the transmit stream.
• Extracts and filters the synchronization status message (Z1/S1) byte into an internal register
for the receive stream. Inserts the synchronization status message (Z1/S1) byte into the
transmit stream.
• Extracts a 64-byte or 16-byte section trace (J0) message using an internal register bank for the
receive stream. Detects an unstable section trace message or mismatch with an expected
message, and optionally inserts Line and Path AIS on the system Drop side upon either of
these conditions. Inserts a 64-byte or 16-byte section trace (J0) message using an internal
register bank for the transmit stream.
• Detects loss of signal (LOS), out-of-frame (OOF), loss-of-frame (LOF), line remote defect
indication (RDI), line alarm indication signal (LAIS), and protection switching byte failure
alarms on the receive stream. Optionally returns line RDI in the transmit stream.
• Provides a transmit and receive ring control port, allowing alarm and maintenance signal
control and status to be passed between mate SPECTRA-155s for ring-based Add/Drop
multiplexer and line multiplexer applications.
• Configurable to force Line AIS in the transmit stream.
1.3
SONET Path / SDH High Order Path
• Accepts a multiplex of three STS-1 (STM-0/AU-3) streams or a single STS-3c (STM-1/AU-
4) stream, interprets the STS (AU) pointer bytes (H1, H2, and H3), extracts the synchronous
payload envelope(s) and processes the path overhead for the receive stream.
• Constructs a byte serial multiplex of three STS-1 (STM-0/AU-3) streams or an STS-3c
(STM-1/AU-4) stream on the transmit side.
• Detects loss of pointer (LOP), loss of tributary multiframe (LOM), path alarm indication
signal (PAIS) and path (auxiliary and enhanced) remote defect indication (RDI) for the
receive stream. Optionally inserts PAIS, path RDI in the transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com