Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSASBLCR8 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVSASBLCR8
Description  Red Top-View Surface Mount LED with Domed Lens
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSASBLCR8 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVSASBLCR8 Datasheet HTML 1Page - OPTEK Technologies OVSASBLCR8 Datasheet HTML 2Page - OPTEK Technologies OVSASBLCR8 Datasheet HTML 3Page - OPTEK Technologies OVSASBLCR8 Datasheet HTML 4Page - OPTEK Technologies OVSASBLCR8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Issue A.1
04/07
Page 5 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue
Change Description
Approval
Date
1.0
Initial Release
J. Haynie
07/29/05
1.1
On page 2, changed 50% power angle from 120 to 60 degrees.
J. Haynie
08/31/05
A
Added warning symbols on page 1. Added new company
disclaimer and footer. Added new logo and email.
04/24/06
A.1
Corrected typical intensity and added typical flux, page 1. Corrected
typical intensity, added typical flux, and replaced binning graph,
page 2. Replaced graph of relative luminous intensity vs wavelength
and graph of spatial distribution, page 3
J. Haynie
04/30/07
Red Top-View SMD LED with Domed Lens
OVSASBLCR8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com