Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9271 Datasheet(PDF) 176 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 176 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 172Page - Integrated Device Technology STAC9271 Datasheet HTML 173Page - Integrated Device Technology STAC9271 Datasheet HTML 174Page - Integrated Device Technology STAC9271 Datasheet HTML 175Page - Integrated Device Technology STAC9271 Datasheet HTML 176Page - Integrated Device Technology STAC9271 Datasheet HTML 177Page - Integrated Device Technology STAC9271 Datasheet HTML 178Page - Integrated Device Technology STAC9271 Datasheet HTML 179Page - Integrated Device Technology STAC9271 Datasheet HTML 180Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
176
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.27.3. InPort2Mux OutAmpCap
6.27.4. InPort2Mux OutAmpRight
Table 425. InPort2Mux ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
ConL
R
0x9
Number of NID entries in connection list.
Table 426. InPort2Mux OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.
Table 427. InPort2Mux OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
No mute capability
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x27
Size of each step in the gain range = 10dB
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x04
Number of steps in the gain range = 5 (0dB to +40dB)
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x00
0dB-step is programmed with this offset
Table 428. InPort2Mux OutAmpRight
Command Verb Format
Verb ID
Payload
Response
Get
B80
00
See bitfield table.
Set1
390
See bits [7:0] of bitfield table.
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com