Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9271 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology STAC9271 Datasheet HTML 26Page - Integrated Device Technology STAC9271 Datasheet HTML 27Page - Integrated Device Technology STAC9271 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
24
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Table 3. Valid Digital Microphone Configurations
Digital Mics
Date Sample
ADC Conn.
Notes
0
N/A
N/A
No Digital Microphones
1
Single Edge
0, 1, or 2
Available on either DMIC_0 or DMIC_1
Both ADC Channels produce data, may be in phase or out by
1/2 DMIC_CLK period depending upon external configuration
and timing
2
Double Edge
on either
DMIC_0 or 1
OR
Single Edge on
DMIC_0 and 1
0, 1, or 2
Available on either DMIC_0 or DMIC_1, External logic
required to support sampling on a single Digital Mic pin
channel on rising edge and second Digital Mic right channel
on falling edge of DMIC_CLK for those digital microphones
that don’t support alternative clock edge capability. If both
DMIC_0 and DMIC_1 are used to support 2 digital
microphones, 2 separate ADC units will be used, however,
this configuration is not recommended since it consumes two
stereo ADC resources.
3
Double Edge
on one DMIC
pin and Single
Edge on the
second DMIC
pin.
0, 1, or 2
Requires both DMIC_0 or DMIC_1, External logic required to
support sampling on a single Digital Mic pin channel on rising
edge and second Digital Mic right channel on falling edge of
DMIC_CLK for those digital microphones that don’t support
alternative clock edge capability. Two ADC units are required
to support this configuration
4
Double Edge
0, 1, or 2
Connected to DMIC_0 and DMIC_1, External logic required
to support sampling on a single Digital Mic pin channel on
rising edge and second Digital Mic right channel on falling
edge of DMIC_CLK for those digital microphones that don’t
support alternative clock edge capability. Two ADC units are
required to support this configuration
Table 4. DMIC_CLK and DMIC_0,1 Operation During Power States
Power State
DMIC Widget
Enabled?
DMIC_CLK
Output
DMIC_0,1
Notes
D0
Yes
Clock Capable Input Capable
DMIC_CLK Output is Enabled when either
DMIC_0 or DMIC_1 Input Widget is Enabled.
Otherwise, the DMIC_CLK remains Low
D1
Yes
Clock Capable Input Capable
DMIC_CLK Output is Enabled when either
DMIC_0 or DMIC_1 Input Widget is Enabled.
Otherwise, the DMIC_CLK remains Low
D2
Yes
Clock Disabled Input Disabled DMIC_CLK Remains Low
D3
Yes
Clock Disabled Input Disabled DMIC_CLK Remains Low
D0-D3
No
Clock Disabled Input Disabled DMIC_CLK is HIGH-Z with Weak Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com