Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9271 Datasheet(PDF) 200 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 200 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 196Page - Integrated Device Technology STAC9271 Datasheet HTML 197Page - Integrated Device Technology STAC9271 Datasheet HTML 198Page - Integrated Device Technology STAC9271 Datasheet HTML 199Page - Integrated Device Technology STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology STAC9271 Datasheet HTML 202Page - Integrated Device Technology STAC9271 Datasheet HTML 203Page - Integrated Device Technology STAC9271 Datasheet HTML 204Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
200
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.34.2. InPort2Vol ConLst
6.34.3. InPort2Vol InAmpRight
[4]
FormatOvrd
R
0x0
No format info; use default format
parameters from Audio Function node
instead
[3]
AmpParOvrd
R
0x0
No amplifier info; use default amplifier
parameters from Audio Function node
instead
[2]
OutAmpPrsnt
R
0x0
No output amp
[1]
InAmpPrsnt
R
0x1
input amp is present
[0]
Stereo
R
0x1
Stereo widget
Table 504. InPort2Vol ConLst
Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table.
Table 505. InPort2Vol ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
ConL
R
0x01
Number of NID entries in connection list.
Table 506. InPort2Vol InAmpRight
Command Verb Format
Verb ID
Payload
Response
Get
B00
00
See bitfield table.
Set1
350
See bits [7:0] of bitfield table.
0000_0000h
Table 503. InPort2Vol WCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com