Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9271 Datasheet(PDF) 218 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 218 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 214Page - Integrated Device Technology STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology STAC9271 Datasheet HTML 218Page - Integrated Device Technology STAC9271 Datasheet HTML 219Page - Integrated Device Technology STAC9271 Datasheet HTML 220Page - Integrated Device Technology STAC9271 Datasheet HTML 221Page - Integrated Device Technology STAC9271 Datasheet HTML 222Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
218
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
AVSS1
Analog Ground
I(Analog)
None
26
VREF FILT
Analog Virtual Ground
O(Analog)
None
27
VREFOUT-B
Reference Voltage out drive
(intended for mic bias) for Port B
O(Analog)
None
28
VREFOUT-C
Reference Voltage out drive
(intended for mic bias) for Port C
O(Analog)
None
29
VREFOUT-F
Reference Voltage out drive
(intended for mic bias) for Port F
O(Analog)
None
30
VREFOUT-E
Reference Voltage out drive
(intended for mic bias) for Port E
O(Analog)
None
31
VREFOUT-D
Reference Voltage out drive
(intended for mic bias) for Port D
O(Analog)
None
32
CAP2
ADC reference Cap
O(Analog)
None
33
SENSE_B
Jack insertion detection Ports E, F, G, H
I(Analog)
None
34
PORT-D_L (HP)
Input/Output of Left DAC0
I/O(Analog)
None
35
PORT-D_R (HP)
Input/Output of Right DAC0
I/O(Analog)
None
36
VREFOUT-A
Reference Voltage out drive
(ntended for mic bias) for Port A
O(Analog)
None
37
AVDD2
Analog Vdd = 3.3 V to 5 V
I(Analog)
None
38
PORT-A_L (HP)
Input/Output of Left DAC0, 3, 4
I/O(Analog)
None
39
DVDD_CORE
Digital Vdd= 3.3V
I(Analog)
None
40
PORT-A_R (HP)
Input/Output of Right DAC0, 3, 4
I/O(Analog)
None
41
AVSS3
Analog Ground
I(Analog)
None
42
PORT-G_L
Input/Output of Left DAC2
I/O(Analog)
None
43
PORT-G_R
Input/Output of Right DAC2
I/O(Analog)
None
44
PORT-H_L
Input/Output of Left DAC1
I/O(Analog)
None
45
PORT-H_R
Input/Output of Right DAC1
I/O(Analog)
None
46
SPDIFIN/GPIO0/EAPD/DMIC_CLK
SPDIF Input, General Purpose I/O,
EAPD, Digital Mic Ouput Clock
I/O(Digital)
Pull-up 50 K
Ω
or more
47
S/PDIF-OUT/ADAT_OUT
SPDIF digital output (50 K
Ω internal
pull-down), ADAT Output
O(Digital)
50 K
Ω internal
pull-down
48
Pin Name
Pin Function
I/O
Internal
Pull-up/
Pull-down
Pin
Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com