Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C147-12DM Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C147-12DM
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-12DM Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C147-12DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-12DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P4C147
Page 3 of 10
Document # SRAM103 REV A
Min
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2
(6)
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
Sym.
t
RC
t
AA
t
AC
t
HZ
t
PU
t
PD
Read Cycle Time
Chip Enable Access Time
Output Hold from
Address Change
Chip Enable to
Output in Low Z
Chip Disable to
Output in High Z
Chip Enable to
Power Up Time
Chip Disable to
Power Down Time
-10
-12
-15
-20
-25
-35
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Min
Max
10
10
4
10
10
2
2
0
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
12
2
2
0
Max
12
12
5
12
Min
15
2
2
0
Max
15
15
6
15
Min
20
2
2
0
Max
20
20
8
20
Min
25
2
2
0
Max
25
25
10
25
Min
35
2
2
0
Max
35
35
14
35
Parameter
Address Access Time
t
OH
t
LZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com