Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9200 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # STAC9200
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button STAC9200 Datasheet HTML 9Page - Integrated Device Technology STAC9200 Datasheet HTML 10Page - Integrated Device Technology STAC9200 Datasheet HTML 11Page - Integrated Device Technology STAC9200 Datasheet HTML 12Page - Integrated Device Technology STAC9200 Datasheet HTML 13Page - Integrated Device Technology STAC9200 Datasheet HTML 14Page - Integrated Device Technology STAC9200 Datasheet HTML 15Page - Integrated Device Technology STAC9200 Datasheet HTML 16Page - Integrated Device Technology STAC9200 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
13
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
2.3.
Power Consumption
2.3.1.
Digital
2.3.2.
Analog
ESD: The STAC9200/9200D is an ESD (electrostatic discharge) sensitive device. The human body and test equipment can
accumulate and discharge electrostatic charges up to 4000 Volts without detection. Even though the STAC9200/9200D
implements internal ESD protection circuitry, proper ESD precautions should be followed to avoid damaging the functionality
or performance.
Table 1. Digital Power Consumption
Power State
Typical
Max
Units
D0
25
29
mA
D1
12
16
mA
D2
12
16
mA
D3
12
16
mA
Table 2. Analog Power Consumption
Power State
Typical
Max
Units
D0
36
48
mA
D1
26
35
mA
D2
26
35
mA
D3
26
35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com