Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C148-25DM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C148-25DM
Description  ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C148-25DM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C148-25DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C148-25DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P4C148/P4C149
Page 2 of 10
Document # SRAM104 REV B
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
– 55 to +125
°C
Temperature Range
V
CC = Max., CE, CS = VIH,
V
OUT = GND to VCC
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Grade(2)
Commercial
Military
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
Ambient Temp
0°C to 70°C
-55°C to +125°C
Gnd
0V
0V
V
CC
5.0V ± 10%
5.0V ± 10%
RECOMMENDED OPERATING
CONDITIONS
V
OH
V
OL
V
IH
V
IL
I
LI
I
LO
I
SB
I
SB1
Parameter
Output High Voltage
(TTL Load)
Output Low Voltage
(TTL Load)
Input High Voltage
Input Low Voltage
Input Leakage Current
Output Leakage Current
Standby Power Supply
Current (TTL Input Levels)
Standby Power Supply
Current
(CMOS Input Levels)
Test Conditions
I
OH = –4 mA, VCC = Min.
V
CC = Max., VIN = GND to VCC
Unit
V
V
V
mA
mA
µA
µA
V
I
OL = +8 mA, VCC = Min
CE
≥ V
IH, VCC = Max.,
f=Max., Outputs Open
CE
≥ V
HC, VCC = Max., f= 0,
Outputs Open
V
IN ≤ 0.2V or VIN ≥ VCC –0.2V
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage (2)
Max.
0.4
0.8
Sym.
Min.
2.4
Max.
0.4
V
CC+0.5
2.2
–0.5(3)
0.8
P4C148
P4C149
Min.
2.4
2.2
V
CC+0.5
–0.5(3)
Mil.
Comm’l
Mil.
Comm’l
Mil.
Comm’l
Mil.
Comm’l
–10
–5
–10
–5
+10
+5
+10
+5
15
10
30
23
N/A
N/A
N/A
N/A
N/A = Not Applicable
Parameter
Commercial
Symbol
Unit
-35
-25
-20
-15
-12
130 130 120 115 100 100
mA
-10
Dynamic Operating Current
I
CC
POWER DISSIPATION CHARACTERISTICS VS. SPEED
–10
–5
+10
+5
+10
+5
–10
–5
Military
-45
95
-55
95
N/A N/A 145 135 125 120
mA
115 115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com