Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9758 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9758
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9758 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9758 Datasheet HTML 35Page - Integrated Device Technology STAC9758 Datasheet HTML 36Page - Integrated Device Technology STAC9758 Datasheet HTML 37Page - Integrated Device Technology STAC9758 Datasheet HTML 38Page - Integrated Device Technology STAC9758 Datasheet HTML 39Page - Integrated Device Technology STAC9758 Datasheet HTML 40Page - Integrated Device Technology STAC9758 Datasheet HTML 41Page - Integrated Device Technology STAC9758 Datasheet HTML 42Page - Integrated Device Technology STAC9758 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
39
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
5.4.1.
Slot 0: TAG
Within slot 0, the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the AC‘97
CODEC is in the “CODEC Ready” state or not. If the “CODEC Ready” bit is a 0, this indicates that
the AC‘97 CODEC is not ready for normal operation. This condition is normal following the deasser-
tion of power-on-reset for example, while the AC‘97 CODEC’s voltage references settle. When the
AC-Link “CODEC Ready” indicator bit is a 1, it indicates that the AC-Link and AC‘97 CODEC control
and status registers are in a fully operational state. CODEC must assert “CODEC Ready” within
400
µs after it starts receiving valid SYNC pulses from the controller, to provide an indication of con-
nection to the link and that Control/Status registers are available for access. The AC`97 Controller
and related software must wait until all of the lower four bits of the Control/Status Register, 26h, are
set before attempting any register writes, or attempting to enable any audio stream, to avoid undesir-
able audio artifacts.
Prior to any attempts at putting an AC‘97 CODEC into operation the AC‘97 Controller should poll the
first bit in the AC-Link input frame (SDATA_IN slot 0, bit 15) for an indication that CODEC has gone
“CODEC Ready”. Once an AC‘97 CODEC is sampled “CODEC Ready”1 then the next 12 bit posi-
tions sampled by the AC‘97 Controller indicate which of the corresponding 12 time slots are
assigned to input data streams, and that they contain valid data.
5.4.1.1.
Slot 1: Status Address Port / SLOTREQ Signaling Bits
1. There are several subsections within an AC‘97 CODEC that can independently go busy/ready. It is the responsibility of the
AC’97 Controller to probe more deeply into the AC‘97 CODEC’s register file to determine which subsections are actually ready.
(See section 8.5. for Extended CODEC Registers Page Structure Definition, on page 85 for more information.)
Table 9. Input Slot 1 Bit Definitions
Bit
Description
19
RESERVED (Set to 0)
18-12
Control Register Index Echo (Set to all 0 if tagged “invalid” by AC‘97 CODEC.)
On Demand Data Request Flags for slots 11-2 (next output frame):
0 = send data
1 = do NOT send data
11
Slot 3 request: PCM Left channel
10
Slot 4 request: PCM Right channel
9
Slot 5 request: RESERVED
8
Slot 6 request: PCM Center
7
Slot 7 request: PCM Left Surround
6
Slot 8 request: PCM Right Surround
5
Slot 9 request: PCM LFE
4
Slot 10 request: SPDIF
3
Slot 11 request: SPDIF
2
Slot 12 request: Interrupt Status and GPIO
1, 0
RESERVED (Set to 0)
Note: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com