Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGL003C Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BGL003C
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BGL003C Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BGL003C Datasheet HTML 1Page - Balluff Korea Ltd. BGL003C Datasheet HTML 2Page - Balluff Korea Ltd. BGL003C Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BGL 50C-005-S4
Order Code: BGL003C
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-09
Subject to change without notice: 180988
ETIM 6.0: EC002720
BGL003C_0.86_2024-08-23
2 / 3
Environmental conditions
Ambient temperature
-5...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP65
Interface
Analog output
Analog, voltage 0…10 V
Supplementary output
Error output PNP
Switch function, supplementary output
NO/NC
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
Aluminium, Anodized
Material sensing surface
PMMA
Surface protection
Anodized
Mechanical data
Dimension
18 x 100 x 93.5 mm
Fork opening
50 mm
Mounting part
Screw M5
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light beams, number
10
Light spot size
3 x 28 mm Light exit
Light type
LED, red light
Principle of optical operation
Through-beam sensor
Special optical feature
Light array
Switching function, optical
dark-on/light-on
Wave length
633 nm
Range/Distance
Active length AL 1
28 mm
Hysteresis H max.
0.4 mm
Repeat accuracy lateral max.
150 µm
Resolution
≤ 0.08 mm
Remarks
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
Reference object (target): Steel plate, 50 x 50, thickness 0.5 mm, lateral approach.
The sensor is functional again after the overload has been eliminated.
n
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com