Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGL004L Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BGL004L
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BGL004L Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BGL004L Datasheet HTML 1Page - Balluff Korea Ltd. BGL004L Datasheet HTML 2Page - Balluff Korea Ltd. BGL004L Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BGL 50F-001-00,2-S4
Order Code: BGL004L
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-09
Subject to change without notice: 246014
ETIM 6.0: EC002720
BGL004L_0.87_2024-08-23
2 / 3
Electrical data
Load capacitance max. at Ue
0.5 µF
No-load current Io max. at Ue
35 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
200 ms
Residual current Ir max.
50 µA
Ripple max. (% of Ue)
10 %
Switching frequency
3000 Hz
Turn-off delay toff max.
0.167 ms
Turn-on delay ton max.
0.167 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
3 V
Environmental conditions
Ambient temperature
-10...60 °C
EN 60068-2-27, Shock
Half-sinus, 100 gn, 2 ms, 3x8000
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67/IP69K
Interface
Switching output
2x PNP normally open/normally
closed (NO/NC)
Material
Housing material
1.4404 stainless steel
Material jacket
PUR
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 85 x 86 mm
Fork opening
50 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 1.25 mm Light exit
Light type
LED, red light
Principle of optical operation
Fork sensor
Smallest part typ.
0.80 mm
Switching function, optical
dark-on/light-on
Wave length
660 nm
Range/Distance
Hysteresis H max.
0.05 mm
Repeat accuracy lateral max.
25 µm
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
Reference object (target): Steel plate, 50 x 50, thickness 0.5 mm, lateral approach.
n
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com