Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGL004T Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BGL004T
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BGL004T Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BGL004T Datasheet HTML 1Page - Balluff Korea Ltd. BGL004T Datasheet HTML 2Page - Balluff Korea Ltd. BGL004T Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BGL 30A-009-S49
Order Code: BGL004T
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-09
Subject to change without notice: 249745
ETIM 6.0: EC002720
BGL004T_0.103_2024-10-07
2 / 3
Electrical data
Load capacitance max. at Ue
0.5 µF
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
200 ms
Residual current Ir max.
50 µA
Ripple max. (% of Ue)
10 %
Switching frequency
5000 Hz
Turn-off delay toff max.
0.1 ms
Turn-on delay ton max.
0.1 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
3 V
Environmental conditions
Ambient temperature
-10...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
195 a
Interface
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
Zinc, Die casting, Painted
Material sensing surface
Glass
Surface protection
Painted
Mechanical data
Dimension
10 x 50 x 58 mm
Fork opening
30 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Beam characteristic
Collimated
Laser class per IEC 60825-1
1
Light spot size
Ø 0.3 mm Light exit
Light type
Laser red light
Principle of optical operation
Through-beam sensor
Smallest part typ.
0.05 mm
Special optical feature
Transparency detection
Switching function, optical
dark-on/light-on
Wave length
655 nm
Range/Distance
Hysteresis H max.
0.02 mm
Repeat accuracy lateral max.
10 µm
Remarks
The sensor is functional again after the overload has been eliminated.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
Reference object (target): Steel plate, 50 x 50, thickness 0.5 mm, lateral approach.
Factory default setting for switching output: Normally open.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com