Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGL005T Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BGL005T
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BGL005T Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BGL005T Datasheet HTML 1Page - Balluff Korea Ltd. BGL005T Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BGL 5L-002-01
Order Code: BGL005T
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-09
Subject to change without notice: 294917
ETIM 6.0:
BGL005T_0.3_2024-10-01
1 / 2
Basic features
Approval/Conformity
CE
cULus
UKCA
WEEE
Principle of operation
Photoelectric sensor
Style
Fork
Electrical connection
Cable diameter D
2.5 mm
Cable length L
1 m
Connection
Cable, 1 m, PVC
Number of conductors
4
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Operating voltage Ub
5...24 VDC
Rated operating current Ie
50 mA
Rated operating voltage Ue DC
24 V
Switching frequency
1 kHz
Environmental conditions
Ambient temperature
-25...55 °C
IP rating
IP65
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO)
Material
Housing material
PBT
Material jacket
PVC
Material sensing surface
PMMA
Mechanical data
Dimension
13.7 x 18.1 x 26 mm
Fork opening
5 mm
Mounting part
Through-hole 3.2 mm (2x)
Through-hole 4.3 mm (2x)
Optical features
Light type
LED infrared Infrared
Principle of optical operation
Through-beam sensor
Range/Distance
Hysteresis H max.
0.05 mm
Range
5 mm
Rated operating distance Sn
5 mm
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.


Similar Part No. - BGL005T

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BGL0023 BALLUFF-BGL0023 Datasheet
106Kb / 3P
Photoelectric Sensors
2024-08-23
BGL003C BALLUFF-BGL003C Datasheet
109Kb / 3P
Photoelectric Sensors
2024-08-23
BGL004L BALLUFF-BGL004L Datasheet
93Kb / 3P
Photoelectric Sensors
2024-08-23
BGL004T BALLUFF-BGL004T Datasheet
99Kb / 3P
Photoelectric Sensors
2024-10-07
More results

Similar Description - BGL005T

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com