Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C147-35CMB Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C147-35CMB
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-35CMB Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C147-35CMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C147-35CMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P4C147
Page 8 of 10
Document # SRAM103 REV A
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.280
0.305
D1
D2
D3
-
0.305
E
0.417
0.440
E1
E2
E3
-
0.440
e
h
j
L
0.045
0.055
L1
0.075
0.090
L2
0.075
0.148
ND
NE
0.020 REF
4
5
0.200 BSC
0.100 BSC
0.050 BSC
0.040 REF
L7
18
.150 BSC
.075 BSC
RECTANGULAR LEADLESS CHIP CARRIER
CERPACK CERAMIC FLAT PACKAGES
Pkg #
# Pins
Symbol
Min
Max
A
0.045
0.092
b
0.015
0.022
c
0.004
0.009
D-
0.540
E
0.245
0.370
e
k
0.005
0.018
L
0.250
0.370
Q
0.026
0.045
S-
0.085
S1
0.005
-
F1
18
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com