Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C148-45LSM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C148-45LSM
Description  ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C148-45LSM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C148-45LSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C148-45LSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C148/P4C149
Page 4 of 10
Document # SRAM104 REV B
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(9)
Notes:
9. CE and WE must be LOW for WRITE cycle.
10. If CE goes HIGH simultaneously with WE high, the output remains in a high impedance state.
11. Write Cycle Time is measured from the last valid address to the first transition address.
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE
CE
CE
CE
CE/CS
CS
CS
CS
CS CONTROLLED)(9)
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC Write Cycle Time
10
12
15
20
25
35
45
55
tCW Chip Enable Time to End of Write
8
10
12
16
20
25
30
35
tAW Address Valid to End of Write
8
10
12
16
20
25
30
35
tAS
Address Set-up Time
00000
000
tWP Write Pulse Width
8
10
12
16
20
25
30
35
tAH Address Hold Time from End of Write
00000
000
tDW Data Valid to End of Write
5679
12
16
20
25
tDH Data Hold Time
00000
000
tWZ Write Enable to Output in High Z
56778
12
15
20
tOW Output Active from End of Write
00000
000
Sym
Parameter
-10
-12
-45
-55
-15
-20
-25
-35



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com