Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C163-35JMBLF Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C163-35JMBLF
Description  ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C163-35JMBLF Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C163-35JMBLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C163-35JMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM120 REV C
Revised August 2006
P4C163/P4C163L
ULTRA HIGH SPEED 8K x 9
STATIC CMOS RAMS
DESCRIPTION
TheP4C163andP4C163Lare73,728-bitultrahigh-speed
static RAMs organized as 8K x 9. The CMOS memories re-
quire no clocks or refreshing and have equal access and
cycle times. Inputs are fully TTL-compatible. The RAMs
operate from a single 5V±10% tolerance power supply.
With battery backup, data integrity is maintained for supply
voltages down to 2.0V. Current drain is 10 µA from a 2.0V
supply.
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 25/35ns (Commercial)
– 25/35/45ns (Military)
Low Power Operation (Commercial/Military)
Output Enable and Dual Chip Enable Control
Functions
Single 5V±10% Power Supply
Data Retention with 2.0V Supply, 10 µA Typical
Current (P4C163L Military)
Common I/O
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil DIP, SOJ
– 28-Pin 350 x 550 mil LCC
– 28-Pin CERPACK
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP (P5, C5), SOJ (J5)
CERPACK (F4) SIMILAR
Accesstimesasfastas25nanosecondsareavailable,per-
mitting greatly enhanced system operating speeds. CMOS
is used to reduce power consumption in both active and
standbymodes.
The P4C163 and P4C163L are available in 28-pin 300 mil
DIP and SOJ, 28-pin 350 x 550 mil LCC, and 28-pin
CERPACKpackagesprovidingexcellentboardleveldensi-
ties.
LCC (L5)


Similar Part No. - P4C163-35JMBLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CCLF PYRAMID-P4C164-10CCLF Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CILF PYRAMID-P4C164-10CILF Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMBLF PYRAMID-P4C164-10CMBLF Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMLF PYRAMID-P4C164-10CMLF Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C163-35JMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
Ultra High Speed 8K x 9 Static Cmos Rams
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com