Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5348 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5348
Description  SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5348 Datasheet HTML 1Page - PMC-Sierra, Inc PM5348 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-950446 (R4)
© 1998 PMC-Sierra, Inc. October, 1998
PM5348
PMC-Sierra,Inc.
Two-Channel ATM SATURN User Network Interface
S/UNI-155-DUAL
FEATURES
• Provides two independent SATURN®-
compatible ATM PHY channels in one
chip.
• Provides hardware and software
backward compatibility with the
industry-standard PM5346
S/UNI®-155-LITE chip.
• Implements the ATM Transmission
Convergence (TC) sublayer according
to ATM Forum specifications using the
SONET/SDH 155.52 Mbit/s STS-3c/
STM-1 and SONET 51.84 Mbit/s
STS-1 formats.
• NRZ data format supports category-5
Unshielded Twisted Pair (UTP-5) or
Shielded Twisted Pair (STP) wiring
and optical datalink modules for fiber
optic cable.
• Includes on-chip clock recovery and
clock synthesis, compliant to Bellcore
and ITU-T requirements.
• Operates in timing master or timing
slave (loop timed LAN) modes.
• Frames to SONET framing bytes (A1,
A2), processes the section and line Bit
Interleaved Parity (B1, B2) and the
Far-End Block Error (Z2) bytes.
• Interprets the H1, H2, and H3 payload
pointer bytes.
• Processes the SONET path overhead
BIP-8 (B3), signal label (C2) and path
status (G1) bytes.
• Allows for protection switching by
monitoring the APS (K1, K2) bytes, bit
error rate thresholds and far-end
synchronization status (S1) bits and
providing interrupts when error
conditions are detected.*
• Inserts and extracts ATM payloads
using ATM cell delineation.
• Provides on-chip 4-cell FIFO buffers in
both transmit and receive paths.
• Operates with a backward compatible
dual 8-bit plus parity or a multi-PHY
compatible 16-bit plus parity*
SATURN-Compliant Interface for
PHYsical layer devices (SCI-PHY™).
• Cell interface is also compatible with
ATM Forum Level 2 UTOPIA direct-
mode specifications.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control, and monitoring.
• Provides TTL/CMOS compatible inputs
and outputs and differential PECL
inputs.
• Low power, +5 V CMOS technology.
• Packaged in a 28 mm by 28 mm 160-
pin Plastic Quad Flat Pack (PQFP).
*NOTE:Indicates new features not
provided on S/UNI-155-LITE.
APPLICATIONS
• ATM Switches and Hubs
• ATM Routers
• Multichannel ATM Servers
BLOCK DIAGRAM
Analog Edge
Microprocessor
Interface
RXD2+
RXD2-
TCA[2:1]
TWRENB[2:1]
TFCLK
TXPRTY[1:0]
TDAT[15:0]
TSOC[2:1]
RCA[2:1]
RRDENB[2:1]
RFCLK
RXPRTY[1:0]
RDAT[15:0]
RSOC[2:1]
TSEN
SCI-PHY
Interface
Receive
ATM Cell
Processor
Receive
ATM
4-Cell
FIFO
Receive
Framer and
Overhead
Processor
Clock
Generator
ALOS2+
ALOS2-
REFCLK+
TATP
TXD2+
TXD2-
REFCLK-
Driver
TXD1+
TXD1-
Serial
to
Parallel
RXD1+
RXD1-
Clock and
Data
Recovery
ALOS1+
ALOS1-
TFP
Output Port
JTAG
Line Side
System Side
Driver
Clock and
Data
Recovery
Serial
to
Parallel
Parallel
to
Serial
Parallel
to
Serial
Receive
Framer and
Overhead
Processor
Transmit
Framer and
Overhead
Processor
Transmit
Framer and
Overhead
Processor
Receive
ATM Cell
Processor
Receive
ATM
4-Cell
FIFO
Transmit
ATM Cell
Processor
Transmit
ATM Cell
Processor
Transmit
ATM
4-Cell
FIFO
Transmit
ATM
4-Cell
FIFO


Similar Part No. - PM5348

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM5348 PMC-PM5348 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5348-RI PMC-PM5348-RI Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
More results

Similar Description - PM5348

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5347 PMC-PM5347 Datasheet
909Kb / 2P
SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com