Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9220 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 45Page - Integrated Device Technology STAC9220 Datasheet HTML 46Page - Integrated Device Technology STAC9220 Datasheet HTML 47Page - Integrated Device Technology STAC9220 Datasheet HTML 48Page - Integrated Device Technology STAC9220 Datasheet HTML 49Page - Integrated Device Technology STAC9220 Datasheet HTML 50Page - Integrated Device Technology STAC9220 Datasheet HTML 51Page - Integrated Device Technology STAC9220 Datasheet HTML 52Page - Integrated Device Technology STAC9220 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
49
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.5.19.
AFG GPIOSticky
Table 47. AFG GPIOUnsol Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:4]
Rsvd
R
0x0
Reserved
[3]
EnMask3
RW
0x0
Unsolicited enable mask for GPIO3. If set, and
the Unsolicited Response control for this widget
has been enabled, an unsolicited response will
be sent when GPIO3 is configured as input and
changes state.
[2]
EnMask2
RW
0x0
Unsolicited enable mask for GPIO2. If set, and
the Unsolicited Response control for this widget
has been enabled, an unsolicited response will
be sent when GPIO2 is configured as input and
changes state.
[1]
EnMask1
RW
0x0
Unsolicited enable mask for GPIO1. If set, and
the Unsolicited Response control for this widget
has been enabled, an unsolicited response will
be sent when GPIO1 is configured as input and
changes state.
[0]
EnMask0
RW
0x0
Unsolicited enable mask for GPIO0. If set, and
the Unsolicited Response control for this widget
has been enabled, an unsolicited response will
be sent when GPIO0 is configured as input and
changes state.
Table 48. AFG GPIOSticky Command Verb Format
Verb ID
Payload
Response
Get
F1A
00
See bitfield table
Set1
71A
See bits [7:0] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com