Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C116-35CMB Datasheet(PDF) 13 Page - Pyramid Semiconductor Corporation

Part # P4C116-35CMB
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-35CMB Datasheet(HTML) 13 Page - Pyramid Semiconductor Corporation

Back Button P4C116-35CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C116-35CMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
P4C116/P4C116L
Page 13 of 14
Document # SRAM110 REV A
Pkg #
# Pins
Symbol
Min
Max
A
0.093
0.104
A1
0.004
0.012
b2
0.013
0.020
C
0.009
0.012
D
0.598
0.614
e
E
0.291
0.299
H
0.394
0.419
h
0.010
0.029
L
0.016
0.050
0°
8°
S4
24 (300 Mil)
0.050 BSC
SOIC/SOP SMALL OUTLINE IC PACKAGE
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com