Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS839893AYIT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS839893AYIT
Description  LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS839893AYIT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS839893AYIT Datasheet HTML 1Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 2Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 3Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 4Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 5Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 6Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 7Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 8Page - Integrated Circuit Systems ICS839893AYIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Integrated
Circuit
Systems, Inc.
839893AYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 8, 2005
2
ICS839893I
LOW SKEW, 1-TO-13
LVCMOS/LVTTL BUFFER DIVIDER
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
,
9
2
,
4
2
,
0
2
,
6
1
,
2
1
,
1
5
4
,
1
4
,
7
3
,
2
3
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
S
2C
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
C
k
n
a
B
5
3
,
3
3
,
1
1
,
0
1
,
9
,
4
,
3c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
5V
C
_
O
D
D
r
e
w
o
P.
t
u
p
t
u
o
C
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
7
,
61
K
L
C
,
0
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
6
3
,
5
2
,
8V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
1
2
,
7
1
,
3
1V
B
_
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
5
1
,
4
1
,
9
1
,
8
1
3
2
,
2
2
4
B
Q
,
5
B
Q
2
B
Q
,
3
B
Q
0
B
Q
,
1
B
Q
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
B
k
n
a
B
6
2R
M
/
E
O
nt
u
p
n
In
w
o
d
ll
u
P
.
e
l
b
a
n
E
t
u
p
t
u
O
w
o
L
e
v
i
t
c
A
.
t
e
s
e
R
r
e
t
s
a
M
h
g
i
H
e
v
i
t
c
A
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
d
n
a
t
e
s
e
r
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
d
e
l
b
a
n
e
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
)
Z
i
H
(
d
e
t
a
t
s
-
i
r
t
e
r
a
s
t
u
p
t
u
o
e
h
t
.
s
l
e
v
e
l
,
7
2
,
8
2
,
0
3
1
3
,
3
L
E
S
F
,
2
L
E
S
F
,
1
L
E
S
F
0
L
E
S
F
t
u
p
n
In
w
o
d
ll
u
P
r
e
d
i
v
i
d
k
c
o
l
c
f
o
n
o
i
t
a
r
u
g
i
f
n
o
c
d
n
a
n
o
i
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
e
d
o
m
4
3L
E
S
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
y
r
a
m
i
r
p
e
h
t
s
t
c
e
l
e
S
e
h
t
s
a
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
e
c
r
u
o
s
k
c
o
l
c
y
r
a
m
i
r
p
e
h
t
s
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
c
r
u
o
s
k
c
o
l
c
y
r
a
m
i
r
p
9
3
,
8
3
,
3
4
,
2
4
7
4
,
6
4
,
1
A
Q
,
0
A
Q
,
3
A
Q
,
2
A
Q
5
A
Q
,
4
A
Q
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
A
k
n
a
B
8
4
,
4
4
,
0
4V
A
_
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
:
E
T
O
N
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
=
A
D
D
V
=
x
_
O
D
D
V
5
6
4
.
3
=9
F
p
V
D
D
V
=
A
D
D
V
=
x
_
O
D
D
V
5
2
6
.
2
=9
F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
u
O
4
1
Ω
V
:
E
T
O
N
X
_
O
D
D
V
s
e
t
o
n
e
d
A
_
O
D
D
V
,
B
_
O
D
D
V
,
O
D
D
_
.
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com