Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS839893AYILF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS839893AYILF
Description  LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS839893AYILF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS839893AYILF Datasheet HTML 1Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 2Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 3Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 4Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 5Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 6Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 7Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 8Page - Integrated Circuit Systems ICS839893AYILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
839893AYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 8, 2005
1
ICS839893I
LOW SKEW, 1-TO-13
LVCMOS/LVTTL BUFFER DIVIDER
GENERAL DESCRIPTION
The ICS839893I is a high-performance one to
thirteen LVCMOS/LVTTL buffer/divider and is
a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
device has two selectable LVCMOS/LVTTL
clock inputs and it generates 13 new LVCMOS/LVTTL clock
outputs. The first bank of six outputs offers divide-by-1, 2, 4,
8 or 16. The second bank of six outputs can be configured to
the same divide ratio as the first bank, or with an additional
divide-by-two. The first two banks can be placed into a high-
impedance output state with the assertion of a LOW on the
nOE/MR input. One additional output can be configured
to divide-by-4, 6, 8 or 16. This device is functional with full
3.3V or full 2.5V supplies.
HiPerClockS™
ICS
QA0:QA5
QB0:QB5
QC
PIN ASSIGNMENT
nOE/MR
CLK0
CLK1
REF_SEL
FSEL[0:2]
FSEL3
FSEL0 FSEL1
FSEL2
QA
0
0
0
÷1
D Q
D Q
D Q
÷2
0
1
0
1
SIMPLIFIED BLOCK DIAGRAM
FEATURES
• 13 LVCMOS/LVTTL outputs: 3 banks (6, 6, 1 outputs per
bank respectively)
• Selectable CLK0 or CLK1 LVCMOS/LVTTL clock inputs
• CLK0, CLK1 supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Output skew: 40ps (maximum), within bank
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free compliant
packages
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 9 10 11 12
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
GND
QA0
QA1
VDDO_A
GND
QA2
QA3
VDDO_A
GND
QA4
QA5
VDDO_A
GND
QB0
QB1
VDDO_B
GND
QB2
QB3
VDDO_B
GND
QB4
QB5
VDDO_B
ICS839893I
48-Pin LQFP
7mm x 7mm x 1.4mm
body package
Y Package
Top View
FSEL0 FSEL1 FSEL2 QA
000
÷1
001
÷2
010
÷2
011
÷4
100
÷2
101
÷16
110
÷8
111
÷4
FSEL0 FSEL1 FSEL2 QC
00
0
÷8
00
1
÷8
01
0
÷6
01
1
÷8
10
0
÷4
1
0
1
÷16
11
0
÷8
11
1
÷4


Similar Part No. - ICS839893AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83904-02 ICST-ICS83904-02 Datasheet
207Kb / 15P
LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83904-02 IDT-ICS83904-02 Datasheet
405Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS83904AG-02 ICST-ICS83904AG-02 Datasheet
207Kb / 15P
LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83904AG-02 IDT-ICS83904AG-02 Datasheet
405Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
ICS83904AG-02LF IDT-ICS83904AG-02LF Datasheet
405Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS839893AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com