Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3515A-S14-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 3515A-S14-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3515A-S14-R Datasheet(HTML) 8 Page - Unisonic Technologies

  3515A-S14-R Datasheet HTML 1Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 2Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 3Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 4Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 5Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 6Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 7Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 8Page - Unisonic Technologies 3515A-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3515A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-105,A
TYPICAL TIMMING DIAGRAM
1) PGI (UNDER-VOLTAGE):
PSONB
FPOB
PGO
PGI
t(PSONB ON)
tPG+tg1
t PG+tg1
t PG+tg1
t(PSONB OFF)
tPSOFF
t(PSONB ON)
t(PSONB OFF)
tPSOFF
2) V33, V5, V12A, V12B (UNDER-VOLTAGE) or IS33, IS5, IS12AB (OVER-CURRENT):
PSONB
FPOB
PGO
t PG+ tg1
tUVP1+tg2
PGI
V33/V5/V12
IS33/IS5/IS12
t PG+tg1
t(PSONB ON)
t(PSONB OFF)
tPSOFF
t(PSONB ON)
t(PSONB ON)
t(PSONB OFF)
tPSOFF
1
t UVP1 =75ms
PSONB
FPOB
PGO
V33/V5/V12
IS33/IS5/IS12
t PG+tg1
tUVP2+ tg2
tUVP2 = 300ms
PGI
t(PSONB ON)
t(PSONB ON)
t PSOFF
t(PSONB OFF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com