Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3515AL-D14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3515AL-D14-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3515AL-D14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3515AL-D14-R Datasheet HTML 1Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 2Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 3Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 4Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 5Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 6Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 7Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 8Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3515A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-105,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, VDD, V12A
-0.3 ~ 16
V
V5,V33, PSONB, IS5, IS33
-0.3 ~ 7
V
IS12AB, V12B
-0.3 ~ 16
V
Input Voltage
PGI
VIN
-0.3 ~ VDD+0.3
V
FPOB
-0.3 ~ 7
V
Output Voltage
PGO
VOUT
-0.3 ~ 7
V
Operating Temperature
TOPR
-40 ~ +125
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
VDD
4
12
15
V
Supply Voltage
VCC2
9.5
12
15
V
V5,V33 ,PGI ,PSONB
7
V
Input Voltage
V12A, V12B
VIN
15
V
FPOB
7
V
Output Voltage
PGO
VOUT
7
V
FPOB
30
mA
Output Sink Current
PGO
IO(SINK)
10
mA
RI Output Current
IO(RI)
10
65
uA
Supply Voltage Rising Time (VDD)
tR
1
ms
ELECTRICAL CHARACTERISTICS (Ta=25℃ and VDD=5V and V12A=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Over Voltage Detection
V12A, V12B
13.2
13.8
14.4
V
V5
5.7
6.1
6.5
V
Over Voltage Threshold
V33
3.7
3.9
4.1
V
ISINK=10mA
0.3
Low Level Output Voltage (FPOB)
VOL
ISINK=30mA
0.7
V
Output Leakage Current (FPOB)
ILEAK
V(FPOB)=5V
5
uA
PSONB
High-Level Input Voltage
VIH
2
V
Low-Level Input Voltage
VIL
0.8
V
Input Pull-up Current
IIN
PSONB=0V
120
uA
PGI and PGO
V12A, V12B
9.5
10
10.5
V
V5
4.1
4.30
4.47
V
Under Voltage Threshold
V33
2.55
2.69
2.83
V
Input Threshold Voltage (PGI)
VI(THD)
1.16
1.20
1.24
V
Low Level Output Voltage (PGO)
VOL
ISINK=10mA
0.4
V
Output Leakage Current (PGO)
ILEAK
PGO=5V
5
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com