Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C149-25PC Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C149-25PC
Description  ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C149-25PC Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C149-25PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C149-25PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P4C148/P4C149
Page 3 of 10
Document # SRAM104 REV B
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to MAXIMUM rating condi-
tions for extended periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet
per minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
TIMING WAVEFORM OF READ CYCLE NO. 2(6)
TIMING WAVEFORM OF READ CYCLE
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
–100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with
CE transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is
sampled and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tRC
Read Cycle Time
10
12
15
20
25
35
45
55
tAA
Address Access Time
10
12
15
20
25
35
45
55
tAC
Chip Enable Access Time (P4C148)
10
12
15
20
25
35
45
55
tAC
Chip Enable Access Time (P4C149)
8
10
12
14
15
20
20
25
tOH
Output Hold from Address Change
33333
333
tLZ
Chip Enable to Output in Low Z (P4C149)
22222
222
tHZ
Chip Disable to Output in High Z (P4C149)
4568
10
14
18
20
tRCS
Read Command Setup Time
00000
000
tRCH
Read Command Hold Time
00000
000
tPU
Chip Enable to Power Up Time (P4C148)
00000
000
tPD
Chip Disable to Power Down Time (P4C148)
10
12
15
20
25
35
45
55
-45
-55
-15
-20
-25
-35
Sym
Parameter
-10
-12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com