Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C116L-12FSMB Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # P4C116L-12FSMB
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116L-12FSMB Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button P4C116L-12FSMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C116L-12FSMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
P4C116/P4C116L
Page 11 of 14
Document # SRAM110 REV A
RECTANGULAR LEADLESS CHIP CARRIER
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.442
0.458
D1
D2
D3
-
0.458
E
0.540
0.560
E1
E2
E3
-
0.558
e
h
j
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
NE
L6
32
0.300 BSC
0.150 BSC
0.020 REF
7
9
0.400 BSC
0.200 BSC
0.050 BSC
0.040 REF
Pkg #
# Pins
Symbol
Min
Max
A
0.064
0.076
A1
0.054
0.066
B1
0.022
0.028
D
0.292
0.308
D1
D2
D3
-
0.308
E
0.392
0.408
E1
E2
E3
-
0.408
e
h
j
L
0.040
0.050
L1
0.040
0.050
L2
0.077
0.093
ND
NE
L8
24
0.200 BSC
0.100 BSC
0.015 REF
5
7
0.300 BSC
0.150 BSC
0.050 BSC
0.025 REF
RECTANGULAR LEADLESS CHIP CARRIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com