Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C169 Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C169
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C169 Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C169 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C169 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
P4C168, P4C169, P4C170
Page 2 of 15
Document # SRAM107 REV A
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Grade(2)
Commercial
Military
Ambient Temp
0°C to 70°C
–55°C to +125°C
Gnd
0V
0V
V
CC
5.0V ± 10%
5.0V ± 10%
V
IH
V
IL
V
HC
V
LC
V
OH
I
LI
I
SB
I
SB1
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(CMOS Load)
Input Leakage Current
Output Leakage Current
Dynamic Operating
Current
Standby Power Supply
Current (TTL Input Levels)
P4C168 only
Standby Power
Supply Current
(CMOS Input Levels)
P4C168 only
Input Clamp Diode Voltage
Output Low Voltage
(CMOS Load)
Output High Voltage
(TTL Load)
Parameter
Symbol
Test Conditions
V
CC = Min., IIN = –18 mA
V
CC = Max., VIN = GND to VCC
V
CC = Max., CS = VIH,
V
OUT = GND to VCC
CE
≥ V
IH, VCC = Max., f = Max.,
Outputs Open
CE
≥ V
HC, VCC = Max., f = 0,
Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Mil.
Comm’l
Mil.
Comm’l
P4C168/169/170
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+10
+5
+10
+5
Unit
V
V
V
V
–1.2
V
V
CD
I
OL = +8 mA, VCC = Min.
0.4
V
V
OL
I
OLC = +100 µA, VCC = Min.
0.2
V
V
OLC
I
OH = –4 mA, VCC = Min.
V
I
OHC = –100 µA, VCC = Min.
V
CC –0.2
V
V
OHC
µA
I
LO
µA
I
CC
35
mA
15
mA
___
___
V
CC = Max., f = Max., Outputs Open
130
mA
___
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com