Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C188 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C188
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C188 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
P4C188/188L
Page 3 of 12
Document # SRAM112 REV A
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL
DATA RETENTION CHARACTERISTICS (P4C188L Military Temperature Only)
Symbol
V
DR
I
CCDR
t
CDR
t
R
†
Parameter
V
CC for Data Retention
Data Retention Current
Chip Deselect to
Data Retention Time
Operation Recovery Time
Test Conditions
CE
≥ V
CC –0.2V,
V
IN ≥ VCC –0.2V or
V
IN ≤ 0.2V
Min
2.0
0
t
RC
§
Typ.*
V
CC =
2.0V
3.0V
10
15
Max
V
CC =
2.0V
3.0V
600
900
Unit
V
µA
ns
ns
DATA RETENTION WAVEFORM
*T
A = +125°C
§
t
RC = Read Cycle Time
†
This parameter is guaranteed but not tested.
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Industrial
Military
–10
N/A
–12
–15
–20
–25
–35
–45
Unit
N/A
mA
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
N/A
150
155
160
170
180
N/A
170
160
155
150
145
180
170
160
155
150
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com