Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024L70PC Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1024L70PC
Description  LOW POWER 128K x 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L70PC Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1024L70PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L70PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P4C1024L
Page 3 of 10
Document # SRAM125 REV C
*Tested with outputs open and all address and data inputs changing at the maximum write-cycle rate.
The device is continuously enabled for writing, i.e., CE
2 ≥ VIH (min), CE1 and WE ≤ VIL (max), OE is high. Switching
inputs are 0V and 3V.
**As above but @ f=1 MHz and V
IL/ VIH = 0V/ VCC.
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0 MHz)
POWER DISSIPATION CHARACTERISTICS VS. SPEED
AC ELECTRICAL CHARACTERISTICS - READ CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
Symbol
Parameter
Test Conditions
Max
Unit
C
IN
C
OUT
Input Capacitance
Output Capacitance
V
IN = 0V
V
OUT = 0V
7
9
pF
pF
Symbol
Parameter
-55
-70
Unit
I
CC
Dynamic Operating Current
Commercial
Industrial
70
85
70
85
15
25
15
25
mA
mA
-55
-70
Temperature
Range
Symbol
Parameter
-55
Min
Max
-70
Min
Max
Unit
t
RC
55
ns
t
AA
Address Access Time
55
70
ns
t
AC
Chip Enable Access
Time
55
70
ns
t
OH
Output Hold from
Address Change
55
ns
t
LZ
Chip Enable to
Output in Low Z
10
10
ns
t
HZ
Chip Disable to
Output in High Z
20
25
ns
t
OE
Output Enable Low
to Data Valid
30
35
ns
t
OLZ
Output Enable Low to
Low Z
55
ns
t
OHZ
Output Enable High
to High Z
20
25
ns
t
PU
Chip Enable to Power
Up Time
00
ns
t
PD
Chip Disable to
Power Down Time
55
70
ns
Read Cycle Time
70
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com