Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024L55PI Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P4C1024L55PI
Description  LOW POWER 128K x 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L55PI Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P4C1024L55PI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1024L55PI Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
P4C1024L
Page 10 of 10
Document # SRAM125 REV C
TSOP THIN SMALL OUTLINE PACKAGE (8 x 20 mm)
Pkg #
# Pins
Symbol
Min
Max
A-
0.048
A2
0.037
0.042
b
0.006
0.011
D
0.720
0.729
E
0.307
0.323
e
HD
0.779
0.796
T3
32
0.050 BSC
SIDEBRAZED DUAL IN-LINE PACKAGES
Pkg #
# Pins
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.680
E
0.510
0.620
eA
e
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
0.600 BSC
0.100 BSC
C10
32 (600 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com