Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2127 Datasheet(PDF) 3 Page - Seme LAB

Part # 2SA2127
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2SA2127 Datasheet(HTML) 3 Page - Seme LAB

  2SA2127 Datasheet HTML 1Page - Seme LAB 2SA2127 Datasheet HTML 2Page - Seme LAB 2SA2127 Datasheet HTML 3Page - Seme LAB 2SA2127 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2127
No.8022-3/4
5
3
2
10
100
7
5
7
--0.1
37
25
3
7
7
25
3
2
--1.0
--10
5
IT07582
f=1MHz
--0.1
2
3
5
7
--1.0
7
2
3
5
--0.01
--0.01
--0.1
23
5
7
2
3
5
7
2
3
--1.0
Ta=75
°C
--25
°C
IT07583
IC / IB=20
25
°C
IT07585
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
--10
--0.1
--0.01
23
5
7
--0.1
--1.0
23
5
7 --10
23
5
7 --100
100ms
DC
operation
10ms
ICP= --4A
IC= --2A
0
0.6
0.8
1.0
1.2
0.4
0.2
20
060
40
80
100
140
120
160
IT07586
1ms
3
--1.0
3
--0.01
--0.1
--1.0
Ta= --25°C
25°C
75°C
2
7
5
23
5
7
2
3
23
5
7
IC / IB=20
IT07584
Cob -- VCB
VCE(sat) -- IC
A S O
PC -- Ta
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
<10µs
Ta=25
°C
Single Pulse
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
2
3
5
--0.01
3
25
--0.1
73
25
7
2
3
--1.0
7
100
1000
7
5
3
2
3
5
--0.01
3
25
--0.1
73
25
7
2
3
--1.0
VCE= --2V
IT07580
IT07581
VCE= --10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com