Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5356 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 45Page - PMC-Sierra, Inc PM5356 Datasheet HTML 46Page - PMC-Sierra, Inc PM5356 Datasheet HTML 47Page - PMC-Sierra, Inc PM5356 Datasheet HTML 48Page - PMC-Sierra, Inc PM5356 Datasheet HTML 49Page - PMC-Sierra, Inc PM5356 Datasheet HTML 50Page - PMC-Sierra, Inc PM5356 Datasheet HTML 51Page - PMC-Sierra, Inc PM5356 Datasheet HTML 52Page - PMC-Sierra, Inc PM5356 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
Pin Name
Type
Pin
No.
Function
AVS[0]
AVS[1]
AVS[2]
AVS[3]
AVS[4]
AVS[5]
AVS[6]
AVS[7]
AVS[8]
AVS[9]
AVS[10]
AVS[11]
AVS[12]
AVS[13]
AVS[14]
AVS[15]
AVS[16]
AVS[17]
AVS[18]
AVS[19]
AVS[20]
AVS[21]
AVS[22]
AVS[23]
AVS[24]
AVS[25]
AVS[26]
AVS[27]
AVS[28]
AVS[29]
AVS[30]
AVS[31]
AVS[32]
AVS[33]
AVS[34]
AVS[35]
AVS[36]
AVS[37]
AVS[38]
AVS[39]
Analog
Ground
E4
C1
G3
H4
G2
G1
H2
J3
J1
L4
M3
N1
N2
N3
N4
T2
T3
U4
W4
Y3
Y5
AB4
AC4
AA6
Y7
AB6
Y8
AC7
AB8
AB9
AA10
AC10
A7
B7
A5
D7
C6
C5
B4
D5
The analog ground (AVS) pins for the analog core.
The AVS pins should be connected to the analog
ground of the analog power supply.
Please see the Operation section for detailed
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com