Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1298-35CI Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C1298-35CI
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1298-35CI Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C1298-35CI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1298-35CI Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P4C1298/L
Page 9 of 11
Document # SRAM135 REV OR
SOJ SMALL OUTLINE IC PACKAGE
PLASTIC DUAL IN-LINE PACKAGE
α
Pkg #
# Pins
Symbol
Min
Max
A
0.120
0.148
A1
0.078
-
b
0.014
0.020
C
0.007
0.011
D
0.700
0.730
e
E
E1
0.292
0.300
E2
Q0.025
-
J5
28 (300 mil)
0.050 BSC
0.267 BSC
0.335 BSC
Pkg #
# Pins
Symbol
Min
Max
A
-
0.210
A1
-
b
0.014
0.023
b2
0.045
0.070
C
0.008
0.014
D
1.345
1.400
E1
0.270
0.300
E
0.300
0.380
e
eB
-
0.430
L
0.115
0.150
0°
15°
0.100 BSC
P5
28 (300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com