Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2153 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2153
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2153 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2153 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2153 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2153
No.8123-3/4
--0.1
--1.0
--10
23
5
7
23
5
7
--100
23
5
7
5
7
7
5
3
2
10
Collector-to-Base Voltage, VCB -- V
IT08350
Cob -- VCB
--0.1
--0.01
7
5
3
2
--1.0
7
55
3
23
2
VBE(sat) -- IC
Collector Current, IC -- A
IT08351
--1.0
2
3
5
7
2
3
IT08352
--0.1
--0.01
7
5
33
5
22
--1.0
7
5
3
2
VCE(sat) -- IC
Collector Current, IC -- A
--0.1
--1.0
--0.01
2
3
5
7
2
3
5
7
PC -- Ta
Ambient Temperature, Ta --
°C
1.4
0.2
0
160
20
0
IT08354
A S O
Collector-to-Emitter Voltage, VCE -- V
--0.1
23
5
7 --1.0
23
5
7 --10
23
5
7
IT08353
--0.1
2
3
5
7
--1.0
2
3
5
5
7
7
--0.01
3
2
0.4
0.6
0.8
1.0
1.2
1.3
40
60
80
100
120
140
Ta=75
°C
25
°C
--25
°C
IC / IB=20
IC / IB=20
f=1MHz
Ta= --25°C
25°C
75°C
PC -- Tc
Case Temperature, Tc --
°C
4.0
0.5
0
160
20
0
IT08355
40
60
80
1.0
1.5
2.0
2.5
3.0
3.5
100
120
140
DC
operation
IC= --2A
ICP= --4A
500
µ
s
1ms
100ms
<10µs
10ms
Tc=25
°C
Single pulse
Mounted
on
a
ceramic
board
(450mm
2!
0.8mm)
hFE -- IC
Collector Current, IC -- A
IT08348
IT08349
2
3
5
7
2
100
3
5
7
--0.01
3
25
--0.1
73
3
22
55
7 --1.0
Ta=75
°C
25
°C
--25
°C
VCE= --2V
--0.01
--0.1
--1.0
23
5
5
5
77
22
33
2
3
5
5
7
7
100
1000
Collector Current, IC -- A
fT -- IC
VCE= --10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com