Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5990 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5990
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5990 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5990 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5990 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5990 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5990 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5990
No.8118-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Capacitance
Cob
VCB=10V, f=1MHz
15
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=50mA
65
100
mV
IC=2A, IB=100mA
110
165
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=100mA
0.88
1.3
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
100
V
Collector-to-Base Breakdown Voltage
V(BR)CES
IC=100µA, RBE=0Ω
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
-6
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
300
ns
Fall Time
tf
See specified Test Circuit.
20
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
7007-004
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
IT08356
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE=2V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
0
0.5
1.0
1.5
2.0
3.0
4.0
2.5
3.5
IT09552
0.1
0.2
0.5
0.6
0.3
0.4
0.7
0.8
0.9
1.0
IB=0mA
5mA
10mA
15mA
20mA
30mA
40mA
50mA
80mA
60mA
VR10
RL=25Ω
VCC=25V
VBE= --5V
10IB1= --10IB2= IC=1A
+
+
50
Ω
INPUT
OUTPUT
RB
100
µF
470
µF
PW=20
µs
IB1
IB2
D.C.
≤1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com