Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV10EX-600P Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYV10EX-600P
Description  Ultrafast Power Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYV10EX-600P Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYV10EX-600P Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYV10EX-600P Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Power Diodes
BYV10EX-600P
www.iscsemi.com
1
FEATURES
· Low forward volt drop
· Low Leakage Current
· Fast switching
APPLICATIONS
· Switched-mode power supplies
· Dual Mode (DCM and CCM) PFC
· Power Factor Correction (PFC) for Interleaved Topology
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
δ = 0.5,TC ≤ 71°C,square-wave
10
A
IFSM
Non-repetitive Peak Surge Current
tp=10ms, sine-wave pulse
75
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
With heatsink compound
5.5
℃
/W
1 3


Similar Part No. - BYV10EX-600P

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV10EX-600P WEEN-BYV10EX-600P Datasheet
338Kb / 10P
Ultrafast power diode
logo
NXP Semiconductors
BYV10EX-600P PHILIPS-BYV10EX-600P_15 Datasheet
171Kb / 11P
Ultrafast power diode
25 September 2014
More results

Similar Description - BYV10EX-600P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28E-200E PHILIPS-BYQ28E-200E_15 Datasheet
130Kb / 11P
Dual ultrafast power diodes
Rev. 4-14 July 2011
BYV34-500 PHILIPS-BYV34-500_15 Datasheet
177Kb / 10P
Dual ultrafast power diodes
4 June 2014
logo
SUNMATE electronic Co.,...
MURA205 SUNMATE-MURA205 Datasheet
342Kb / 2P
SURFACE MOUNT ULTRAFAST POWER RECTIFIERS DIODES
MURS105 SUNMATE-MURS105 Datasheet
364Kb / 2P
SURFACE MOUNT ULTRAFAST POWER RECTIFIERS DIODES
logo
WeEn Semiconductors
BYQ28E-200E WEEN-BYQ28E-200E Datasheet
381Kb / 11P
Dual ultrafast power diodes
BYQ28ED-200PL WEEN-BYQ28ED-200PL Datasheet
375Kb / 10P
Dual ultrafast power diodes
BYQ28X-200E WEEN-BYQ28X-200E Datasheet
394Kb / 10P
Dual ultrafast power diodes
BYT28X-500 WEEN-BYT28X-500 Datasheet
362Kb / 10P
Dual ultrafast power diodes
BYV32EB-200P WEEN-BYV32EB-200P Datasheet
383Kb / 10P
Dual ultrafast power diodes
BYV410X-600P WEEN-BYV410X-600P Datasheet
525Kb / 10P
Dual ultrafast power diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com