Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4351 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4351
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4351 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC4351 Datasheet HTML 9Page - Texas Instruments CD54HC4351 Datasheet HTML 10Page - Texas Instruments CD54HC4351 Datasheet HTML 11Page - Texas Instruments CD54HC4351 Datasheet HTML 12Page - Texas Instruments CD54HC4351 Datasheet HTML 13Page - Texas Instruments CD54HC4351 Datasheet HTML 14Page - Texas Instruments CD54HC4351 Datasheet HTML 15Page - Texas Instruments CD54HC4351 Datasheet HTML 16Page - Texas Instruments CD54HC4351 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
FIGURE 13. CONTROL-TO-SWITCH FEEDTHROUGH NOISE
TEST CIRCUIT
FIGURE 14. SWITCH OFF SIGNAL FEEDTHROUGH
Analog Test Circuits (Continued)
SWITCH
ALTERNATING
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
SCOPE
VP-P
VOS
E
VOS
50pF
600
Ω
VCC/2
600
Ω
VCC/2
VCC
VCC
VIS
0.1
µF
RC
VCC/2
VOS
SWITCH
OFF
dB
METER
R
VCC/2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
Ω
C = 10pF
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com