Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP384 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP384
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP384 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP384 Datasheet HTML 1Page - Vishay Siliconix TSOP384 Datasheet HTML 2Page - Vishay Siliconix TSOP384 Datasheet HTML 3Page - Vishay Siliconix TSOP384 Datasheet HTML 4Page - Vishay Siliconix TSOP384 Datasheet HTML 5Page - Vishay Siliconix TSOP384 Datasheet HTML 6Page - Vishay Siliconix TSOP384 Datasheet HTML 7Page - Vishay Siliconix TSOP384 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 81733
Rev. 1.0, 08-Aug-07
New TSOP382../TSOP384..
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical and Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Supply voltage
(Pin 3)
VS
- 0.3 to + 6.0
V
Supply current
(Pin 3)
IS
3mA
Output voltage
(Pin 1)
VO
- 0.3 to
(VS + 0.3)
V
Output current
(Pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Power consumption
(Tamb ≤ 85 °C)
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Supply current (Pin 3)
Ev = 0, VS = 3.3 V
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
0.45
mA
Supply voltage
VS
2.5
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 250 mA
d45
m
Output voltage low (Pin 1)
IOSL = 0.5 mA, Ee = 0.7 mW/m
2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min
0.15
0.35
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max
30
W/m2
Directivity
Angle of half transmission
distance
ϕ
1/2
± 45
deg
Figure 1. Output Active Low
E e
T
tpi *
t
* tpi
10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1)
tpo2)
1) 7/f0 < td < 15/f0
2)
tpi - 5/f 0 < tpo < tpi + 6/f0
Figure 2. Pulse Length and Sensitivity in Dark Ambient
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.1
1
10
100
1000
10000 100000
E
e - Irradiance (mW/m²)
20752
Input Burst Length
λ = 950 nm,
optical test signal, fig.1
Output Pulse Width



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com