Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C169-12FSM Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C169-12FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C169-12FSM Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C169-12FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C169-12FSM Datasheet HTML 13Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
P4C168, P4C169, P4C170
Page 9 of 15
Document # SRAM107 REV A
SELECTION GUIDE (CONTINUED)
* Military temperature range with MIL-STD-883, Class B processing.
45
55
70
LCC
-45LM
-55LM
-70LM
CERDIP
-45DM
-55DM
-70DM
Side Brazed DIP
-45CM
-55CM
-70CM
CERPACK
-45FM
-55FM
-70FM
Solder Seal Flat Pack
-45FSM
-55FSM
-70FSM
LCC
-45LMB
-55LMB
-70LMB
CERDIP
-45DMB
-55DMB
-70DMB
Side Brazed DIP
-45CMB
-55CMB
-70CMB
CERPACK
-45FMB
-55FMB
-70FMB
Solder Seal Flat Pack
-55FSMB
-55FSMB
-70FSMB
Military
Processed*
(P4C168 only)
Speed
Temperature
Range
Package
Military
Temperature
(P4C168 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com