Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STO-0820300-R-E1 Datasheet(PDF) 3 Page - Eravant

Part # STO-0820300-R-E1
Description  F-Band VNA Frequency Extender
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0820300-R-E1 Datasheet(HTML) 3 Page - Eravant

  STO-0820300-R-E1 Datasheet HTML 1Page - Eravant STO-0820300-R-E1 Datasheet HTML 2Page - Eravant STO-0820300-R-E1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.80 20.3
ADJUSTABLE
4 x 0.63 15.9 TO 1.63[41.4] MAX
1.90 48.3
4X REMOVEABLE FEET
WR-08 WAVEGUIDE
W/UG-387/U-M PRECISION ANTI-COCKING FLANGE
TUNABLE MICROMETER
REMOVEABLE
3.75 95.3
5.00 127.0
6.26 159.0
2X COAX CONNECTOR
LEMO CONNECTOR
ON/OFF
Meas
LO In
3.26 82.8
2 x 2.70 68.6
2 x 0.90 22.9
4 x 10-32 UNF - 2B 0.250
FEET REMOVED TO SHOW MOUNTING LOCATIONS
Mechanical Outline
Unless otherwise specified, all dimensions are in inches [millimeters]
STO-0820300-R-E1
•
To complete a frequency extension set, pair this Rx module with a compatible Tx/Ref or Tx/
Rx module listed in VNA Frequency Extenders page.
•
Eravant reserves the right to change the information presented without notice.
•
Exceeding absolute maximum ratings of the device will damage the extenders.
•
Proper torque, 8.0 ± 0.15 inch-pounds (0.90 ± 0.02 Nm), should be applied.
Eravant torque
wrench, model SCH-08008-S1, is highly recommended.
•
Any foreign objects in the waveguide will cause performance degradation or damage the device.
NOTE
CAUTION
www.eravant.com | 424-757-0168 | support@eravant.com
3/3
Copyright © 2023 by Eravant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com