Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PY20F Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PY20F
Description  12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PY20F Datasheet(HTML) 1 Page - Electronic devices inc.

  PY20F Datasheet HTML 1Page - Electronic devices inc. PY20F Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIBRIDGE
12 AMPERES HIGH SURGE
DY-F
PY-F
Max.Forward Voltage Drop VF =1.0 V @ I F =
12
Amp
Max. DC Reverse Current @ PRV and 25
oC, IR
10
Max. DC Reverse Current @ PRV and 100
oC, IR
100
Max. Peak Surge Current,IFSM(8.3ms)
300
Amp
Storage Temperature Range, TSTG
-55 to +150
oC
Thermal Resistance (Total Bridge), R0 j-c
5.1Typ.
-
A
A
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
Type No.
PY05F
PY 10F
PY 20F
PY 40F
PY 60F
PY 80F
PY100F
Type No.
DY05F
DY 10F
DY 20F
DY 40F
DY 60F
DY 80F
DY100F
PY-F
DY-F
12
10
100
400
-55 to +150
5.1
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES
HEAT SINK AND CHASSIS MOUNTING
oC/ W
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - PY20F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PY20 EDI-PY20 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
More results

Similar Description - PY20F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BRUS6 EDI-BRUS6 Datasheet
58Kb / 2P
ULTRA-FAST RECOVERY 8 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P .C. BOARD MOUNTING
DY05 EDI-DY05 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK-F EDI-PK-F Datasheet
52Kb / 2P
MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR-F EDI-PKR-F Datasheet
56Kb / 2P
FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PT-F EDI-PT-F Datasheet
45Kb / 2P
MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT EDI-PBT Datasheet
47Kb / 2P
THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com