Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1256L-35JMBLF Datasheet(PDF) 12 Page - Pyramid Semiconductor Corporation

Part # P4C1256L-35JMBLF
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256L-35JMBLF Datasheet(HTML) 12 Page - Pyramid Semiconductor Corporation

Back Button P4C1256L-35JMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 13Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 14Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 15Page - Pyramid Semiconductor Corporation P4C1256L-35JMBLF Datasheet HTML 16Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
P4C1256
Page 12 of 17
Document # SRAM119 REV G
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.090
b
0.015
0.022
c
0.004
0.009
D-
0.730
E
0.330
0.380
e
k
0.005
0.018
L
0.250
0.370
Q
0.026
0.045
S-
0.085
S1
0.005
-
F4
28
0.050 BSC
CERPACK CERAMIC FLAT PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.485
E
0.240
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
0°
15°
D5-2
28 (300 mil)
0.300 BSC
0.100 BSC
α
CERDIP DUAL IN-LINE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com