Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVF Datasheet(PDF) 2 Page - Electronic devices inc.

Part # KVF
Description  500 mA SILICON RECTIFIERS HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

KVF Datasheet(HTML) 2 Page - Electronic devices inc.

  KVF Datasheet HTML 1Page - Electronic devices inc. KVF Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
500
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
NON-REPETITIVE SURGE CURRENT RATINGS
50
40
30
20
0
1
10
CYCLES AT 60 Hz
KVF
FIG.3
PACKAGE STYLE
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMP
OC
A
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
_
+
L
B
TEST CIRCUIT
FIG.4
TYPICAL REVERSE RECOVERY WAVEFORM
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
175
400
300
200
100
600
10
100
O
25 C
E
D
LTR
A
B
C
D
E
INCHES
MILLIMETERS
.051 DIA.
+
_ .03
+
_ . 7 6
1.30 DIA.
0.31 MAX.
0.51 MAX.
2.0 MIN.
12.96 MAX.
7.9 MAX.
50.8 MIN.
EDI reserves the right to change these specifications at any time without notice.
Prior to the manufacture of these assemblies, the individual silicon junction is measured for
maximum recovery time in the test circuit shown.
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
It is recommended that a proper heat sink be used on the terminals of this device between the body and the soldering point to
prevent damage form excess heat.
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT
PACKARD 214A OR EQUIV.
IKC REP.RATE, 10 SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com