Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHC Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RHC
Description  HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RHC Datasheet(HTML) 1 Page - Electronic devices inc.

  RHC Datasheet HTML 1Page - Electronic devices inc. RHC Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LHC
RHC
EDI reserves the right to change these specifications at any time without notice.
Max. Reverse Recovery Time , t rr (Fig.4)
100 nanosec
Max. DC Reverse Current @ PRV and 25
oC, IR
60
Storage Temperature Range, TSTG
A
1
Ambient Operating Temperature Range,TA
Max. DC Reverse Current @ PRV and 100
oC, IR
Amps
3
A
-55
to +125
oC
oC
-55
to +150
oC
oC
RHC SERIES
FAST
RECOVERY
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
Max.One-Half Cycle Surge Current, IFM
(Surge )@ 60Hz
Max. DC Reverse Current @ PRV and 25
oC, IR
40
Max.One-Half Cycle Surge Current, I FM
Storage Temperature Range, TSTG
A
1
Ambient Operating Temperature Range,TA
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 100
oC, IR
Amps
3
A
-55
to +150
oC
oC
LHC SERIES
STANDARD
RECOVERY
(Surge )@ 60Hz
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
EDI Type No.
Peak
Reve rse V olta ge
PRV (V olts )
Case Sty le
Max . Fwd. Volta ge
Drop at 25
o C And IO
VF (Vol ts)
LHC25-8
8, 000
10,0 00
12,0 00
15,0 00
20,0 00
30,0 00
35,0 00
40,0 00
SMALL SIZE MOLDED PACKAGE
PRV 8,000 TO 40,000 VOLTS
FAST RECOVERY (RHC SERIES)
LOW LEAKAGE
25,000
Avg.
Fwd. Current,
O
IO
at 50 C
25mA
-10
-1 2
-1 5
-2 0
-2 5
-3 0
-3 5
-4 0
30
30
30
60
60
60
90
90
90
A
A
A
B
B
B
C
C
C
A
A
A
B
B
B
C
C
C
30
30
30
60
60
60
90
90
90
8,000
10,0 00
12,0 00
15,0 00
20,0 00
30,0 00
35,0 00
40,0 00
25,0 00
RHC25-8
-1 0
-1 2
-1 5
-2 0
-2 5
-3 0
-3 5
-4 0
-55
to +150
oC
oC
NOTES:
1. Maximum lead and terminal temperature for soldering, 3/8 inch from case, 5 seconds at 250 C.
2. If operated over 10,000 v/inch in length, devices should be immersed in oil or re-encapsulated.
o


Similar Part No. - RHC

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RHC SEI-RHC Datasheet
402Kb / 7P
High Power Thick Film Chip Resistor
11/18/2020
logo
Taiyo Yuden (U.S.A.), I...
RHC-160V100MH4 TAIYO-YUDEN-RHC-160V100MH4 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V100MH4#B TAIYO-YUDEN-RHC-160V100MH4#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5 TAIYO-YUDEN-RHC-160V101MI5 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5#B TAIYO-YUDEN-RHC-160V101MI5#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
More results

Similar Description - RHC

ManufacturerPart #DatasheetDescription
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Solid States Devices, I...
2N5091A SSDI-2N5091A Datasheet
200Kb / 2P
HIGH VOLTAGE SILICON DIFFUSED PNP TRANSISTORS
logo
Electronic devices inc.
CRVT EDI-CRVT Datasheet
43Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
TV10 EDI-TV10 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
DIFFUSED-JUNCTION SILICON RECTIFIERS
VA-10 NJSEMI-VA-10 Datasheet
93Kb / 2P
High Voltage Diffused Rectifiers
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
BY707-1 NJSEMI-BY707-1 Datasheet
81Kb / 1P
High Voltage Diffused Silicon Rectifiers
VF5-5 NJSEMI-VF5-5 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com