Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2C03C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC2C03C
Description  Diffused Junction Type Silicon Diode Variable Capacitance Diode for UHF Band VCO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC2C03C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC2C03C Datasheet HTML 1Page - Sanyo Semicon Device EC2C03C Datasheet HTML 2Page - Sanyo Semicon Device EC2C03C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EC2C03C
No.8237-2/3
Package Dimensions
Electrical Connection (Top view)
unit : mm
1324A
Polarity mark (Top)
Anode
Cathode
*Electrodes : on the bottom
Polarity mark
Anode
Cathode
1 : Cathode
2 : Anode
SANYO : ECSP1008-2
Marking
0.05
2
2
1
1
Top View
0.8
0.7
0.05
Bottom View
Reverse Voltage, VR -- V
C -- VR
Ambient Temperature, Ta --
°C
C -- Ta
Reverse Voltage, VR -- V
rs -- VR
3
5
10
2
7
3
2
02468
10
1.0
3
5
2
7
1.0
02468
10
2
IT09043
IT09045
--75
0.90
--50
--25
0
25
50
100
125
75
150
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
IT09044
V R
=1V
3V
f=1MHz
VRF=20mVrms
f=1MHz
VRF=20mVrms
f=470MHz
VRF=20mVrms
2V
VR=3V
1V 2V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com