Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8302 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8302
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8302 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8302 Datasheet HTML 1Page - Sanyo Semicon Device ECH8302 Datasheet HTML 2Page - Sanyo Semicon Device ECH8302 Datasheet HTML 3Page - Sanyo Semicon Device ECH8302 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8302
No.8247-2/4
Package Dimensions
Electrical Connection
unit : mm
2222A
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --3.5A
RL=4.3Ω
VDD= --15V
VOUT
ECH8302
VIN
0V
--10V
VIN
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : ECH8
1
4
85
0.15
0.65
2.9
0.3
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
--1
--2
--3
--7
--6
--5
--4
0
0
--1
--2
--3
--4
--5
--6
--7
0
--1.0
--0.7
--0.8
--0.9
--0.5
--0.1
--0.2
--0.3
--0.4
--0.6
IT09328
0
--1
--2
--3
--4
IT09329
--3.0V
VDS= --10V
VGS= --2.5V
87
6
5
12
3
4
Top view
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com