Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C170-35JM Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C170-35JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C170-35JM Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C170-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C170-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
P4C168, P4C169, P4C170
Page 5 of 15
Document # SRAM107 REV A
AC ELECTRICAL CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time
12
15
18
20
30
ns
tcw
Chip Enable Time to End of Write
1215182030
ns
tAW
Address Valid to End of Write
1215182030
ns
tAS
Address Set-up Time
00000
ns
tWP
Write Pulse Width
1215182030
ns
tAH
Address Hold Time
00000
ns
tDW
Data Valid to End of Write
7
8
10
10
15
ns
tDH
Data Hold Time
00000
ns
tWZ
Write Enable to Output in High Z
4567
13
ns
tOW
Output Active from End of Write
00000
ns
Sym
Parameter
Unit
-35
-12
-15
-20
-25
AC ELECTRICAL CHARACTERISTICS - WRITE CYCLE (CONTINUED)
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max
tWC
Write Cycle Time
45
55
70
ns
tcw
Chip Enable Time to End of Write
40
50
60
ns
tAW
Address Valid to End of Write
40
50
60
ns
tAS
Address Set-up Time
0
0
0
ns
tWP
Write Pulse Width
40
50
60
ns
tAH
Address Hold Time
0
0
0
ns
tDW
Data Valid to End of Write
20
20
25
ns
tDH
Data Hold Time
3
3
3
ns
tWZ
Write Enable to Output in High Z
20
25
30
ns
tOW
Output Active from End of Write
0
0
0
ns
Sym
Parameter
Unit
-45
-55
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com