Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUS150 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # RUS150
Description  50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RUS150 Datasheet(HTML) 2 Page - Electronic devices inc.

  RUS150 Datasheet HTML 1Page - Electronic devices inc. RUS150 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR-HEWLETT PACKARD 214A OR EQUIV.
IKC REP.RATE, 10
SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
C
D
MIN.
A
MAX.
D
MIN.
B
MAX.
RUS1
.380
.160
1.00
D
C
B
A
DIMENSIONS(inches)
RUS2
.380
.260
1.00
RUS3
.380
.260
1.00
RUS4
.380
.310
1.00
0.052
0.048
0.052
0.048
0.052
0.048
0.033
0.031
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT VS LEAD TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD f=60Hz RECTIFIER
LEADS ATTACGED TO HEAT SINKS AT LEAD LENGTH(L)
FIG.1
NON-REPETITIVE SURGE CURRENT
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES (60 Hz)
RUS
FIG.3
MECHANICAL
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
L=.375
AMBIENT TEMPERATURE
O
( C)
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
TYPICAL REVERSE RECOVERY WAVEFORM
0.1SEC
1.0SEC
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com