Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT1000 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # VT1000
Description  HIGH VOLTAGE 50 mA SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

VT1000 Datasheet(HTML) 1 Page - Electronic devices inc.

  VT1000 Datasheet HTML 1Page - Electronic devices inc. VT1000 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VT RVT
HIGH VOLTAGE 50 mA
SILICON RECTIFIERS
EDI
Type
PRV
Volts
REVERSE RECOVERY
TIME
(Fig.4)
VT1000
10,000
-
VT1200
12,000
-
VT1500
15,000
-
RVT1000
10,000
100 ns max.
RVT1200
12,000
100 ns max.
RVT1500
15,000
100 ns max.
ELECTRICAL CHARACTERISTICS (at TA=25 C Unless Otherwise Specified)
Average Rectified Forward Current @ 50
oC, I
O
50 mA
Max. Peak Surge Current, IFSM (8.3ms)
5 Amp
Max. Forward Voltage Drop @ 50 m
A, VF
28Volts
Max. DC Reverse Current @ PRV and 25
oC, IR
1
Max. DC Reverse Current @ PRV and100
oC, IR
25
Ambient Operating Temperature Range, TA
Storage Temperature Range, TSTG
NOTES:
o
A
A
SMALL SIZE MOLDED PACKAGE
PRV 10,000 TO 15,000 VOLTS
FAST RECOVERY (R_SERIES)
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
-55 to + 125 C
o
-55 to + 150 C
o
1.It is recommended that a proper heat sink be used on the terminals of this device between the body and
soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reservesthe rightto changethese specificationsat any time withoutnotice.


Similar Part No. - VT1000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
VT10 EXTECH-VT10 Datasheet
254Kb / 6P
Multifunction Voltage Tester
logo
Vishay Siliconix
VT10200C VISHAY-VT10200C Datasheet
145Kb / 5P
Trench MOS Barrier Schottky Rectifier
09-Dec-09
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
202Kb / 6P
Trench MOS Barrier Schottky Rectifier
23-Feb-18
VT10200C-E3-4W VISHAY-VT10200C-E3-4W Datasheet
145Kb / 5P
Trench MOS Barrier Schottky Rectifier
09-Dec-09
More results

Similar Description - VT1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV07 ETC1-HV07 Datasheet
123Kb / 2P
750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
First Components Intern...
HV03 FCI-HV03 Datasheet
125Kb / 2P
350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV05 FCI-HV05 Datasheet
125Kb / 2P
550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV-6X2P1 FCI-HV-6X2P1 Datasheet
58Kb / 1P
550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
Electronic devices inc.
KVF EDI-KVF Datasheet
47Kb / 2P
500 mA SILICON RECTIFIERS HIGH VOLTAGE
logo
First Components Intern...
HV07 FCI-HV07 Datasheet
125Kb / 2P
750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
50 mA, High Voltage, Micropower Linear Regulator
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com