Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25Q128FVFF Datasheet(PDF) 14 Page - Winbond

Part # 25Q128FVFF
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVFF Datasheet(HTML) 14 Page - Winbond

Back Button 25Q128FVFF Datasheet HTML 10Page - Winbond 25Q128FVFF Datasheet HTML 11Page - Winbond 25Q128FVFF Datasheet HTML 12Page - Winbond 25Q128FVFF Datasheet HTML 13Page - Winbond 25Q128FVFF Datasheet HTML 14Page - Winbond 25Q128FVFF Datasheet HTML 15Page - Winbond 25Q128FVFF Datasheet HTML 16Page - Winbond 25Q128FVFF Datasheet HTML 17Page - Winbond 25Q128FVFF Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
W25Q128FV
- 13 -
6.1.3 Quad SPI Instructions
The W25Q128FV supports Quad
SPI operation when using instructions such as “Fast Read Quad
Output (6Bh)”, “Fast Read Quad I/O (EBh)”, “Word Read Quad I/O (E7h)” and “Octal Word Read Quad
I/O (E3h)”. These instructions allow data to be transferred to or from the device four to six times the rate
of ordinary Serial Flash. The Quad Read instructions offer a significant improvement in continuous and
random access transfer rates allowing fast code-shadowing to RAM or execution directly from the SPI
bus (XIP). When using Quad SPI instructions the DI and DO pins become bidirectional IO0 and IO1,
and the /WP and /HOLD pins become IO2 and IO3 respectively. Quad SPI instructions require the non-
volatile Quad Enable bit (QE) in Status Register-2 to be set.
6.1.4 QPI Instructions
The W25Q128FV supports Quad Peripheral Interface (QPI) operations only when the device is switched
from Standard/Dual/Quad SPI mode to QPI mode using the “Enter QPI (38h)” instruction. The typical
SPI protocol requires that the byte-long instruction code being shifted into the device only via DI pin in
eight serial clocks. The QPI mode utilizes all four IO pins to input the instruction code, thus only two
serial clocks are required. This can significantly reduce the SPI instruction overhead and improve
system performance in an XIP environment. Standard/Dual/Quad SPI mode and QPI mode are
exclusive. Only one mode can be active at any given time. “Enter QPI (38h)” and “Exit QPI (FFh)”
instructions are used to switch between these two modes. Upon power-up or after a software reset
using “Reset (99h)” instruction, the default state of the device is Standard/Dual/Quad SPI mode. To
enable QPI mode, the non-volatile Quad Enable bit (QE) in Status Register-2 is required to be set.
When using QPI instructions, the DI and DO pins become bidirectional IO0 and IO1, and the /WP and
/HOLD pins become IO2 and IO3 respectively. See Figure 3 for the device operation modes.
6.1.5 Hold Function
For Standard SPI and Dual SPI operations, the /HOLD signal allows the W25Q128FV operation to be
paused while it is actively selected (when /CS is low). The /HOLD function may be useful in cases where
the SPI data and clock signals are shared with other devices. For example, consider if the page buffer
was only partially written when a priority interrupt requires use of the SPI bus. In this case the /HOLD
function can save the state of the instruction and the data in the buffer so programming can resume
where it left off once the bus is available again. The /HOLD function is only available for standard SPI
and Dual SPI operation, not during Quad SPI or QPI. The Quad Enable Bit QE in Status Register-2 is
used to determine if the pin is used as /HOLD pin or data I/O pin. When QE=0 (factory default), the pin
is /HOLD, when QE=1, the pin will become an I/O pin, /HOLD function is no longer available.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will activate
on the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the
/HOLD condition will activate after the next falling edge of CLK. The /HOLD condition will terminate on
the rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the
/HOLD condition will terminate after the next falling edge of CLK. During a /HOLD condition, the Serial
Data Output (DO) is high impedance, and Serial Data Input (DI) and Serial Clock (CLK) are ignored.
The Chip Select (/CS) signal should be kept active (low) for the full duration of the /HOLD operation to
avoid resetting the internal logic state of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com